PART |
Description |
Maker |
250R120-R3 250R120-R1ZR 250R120-RA 250R120-RC 250R |
Fast time - to - trip Access equipment Lan/Wan equipment POLY-FUSE? Resettable PTCs POLY-FUSE Resettable PTCs POLY-FUSE? Resettable PTCs Radial Leaded > 250R Series
|
Littelfuse
|
A43L2616V-6PH A43L2616V-7PH |
Cycle time:6ns; 166MHz CL=3 access time:5.0ns 1M x 16bit x 4banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:5.4ns 1M x 16bit x 4banks synchronous DRAM
|
AMIC Technology
|
HM-6617/883 |
PROM, 2Kx8 CMOS, high speed, low power, Fast Access Time 90/120ns
|
Intersil Corporation
|
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
5962-0323601QXA 5962-0323601QXC 5962-0323601QXX 59 |
128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish hot solder dipped. 128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish gold. 128K x 32 SRAM: SMD. 15ns access time. Class Q. Lead finish factory option. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish hot solder dipped. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish gold. 128K x 32 SRAM: SMD. 15ns access time. Class V. Lead finish factory option. 128K x 32 SRAM. 15ns access time. Lead finish hot solder dipped. 128K x 32 SRAM. 15ns access time. Lead finish factory option. 128K x 32 SRAM. 15ns access time. Lead finish gold.
|
Aeroflex Circuit Technology
|
LC3664RSL-12 LC3664RML-10 LC3664RM-15 LC3664RL-15 |
Access time: 100ns; V(cc)max: 7V; 64K (8192 words x 8-bit) SRAM Access time: 150ns; V(cc)max: 7V; 64K (8192 words x 8-bit) SRAM
|
SANYO
|
AS7C31025A-20TJI AS7C1025A AS7C1025A-10JC AS7C1025 |
3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 20ns access time 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Triple 3-Input NAND Gates 14-SOIC -55 to 125 Parallel-Load 8-Bit Shift Registers 16-VQFN -40 to 85 Parallel-Load 8-Bit Shift Registers 16-SO -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input AND Gates 14-TSSOP -55 to 125 Parallel-Load 8-Bit Shift Registers 16-SOIC -40 to 85 Parallel-Load 8-Bit Shift Registers 16-TSSOP -40 to 85 5V 128K x 8 CM0S SRAM (revolutionary pinout), 12ns access time 5V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time 3.3V 128K x 8 CM0S SRAM (revolutionary pinout), 15ns access time
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
M41T00SM6E M41T00SM6F M41T00S08 |
Serial access real-time clock
|
STMicroelectronics
|
M41T8011 |
Serial access real-time clock with alarm
|
STMicroelectronics
|
M41T62 M41T62Q6F M41T65 M41T65Q6F |
Serial Access Real-Time Clock with Alarms
|
ST Microelectronics
|
UT62256CLS-35LE UT62256CLS-70LE UT62256CLS-70LLE U |
Access time: 35 ns, 32 K x 8 Bit low power CMOS SRAM Access time: 70 ns, 32 K x 8 Bit low power CMOS SRAM
|
UTRON Technology
|